Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3156 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3156
Description  USB DFU protocol used in the STM32 bootloader
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3156 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3156 Datasheet HTML 9Page - STMicroelectronics AN3156 Datasheet HTML 10Page - STMicroelectronics AN3156 Datasheet HTML 11Page - STMicroelectronics AN3156 Datasheet HTML 12Page - STMicroelectronics AN3156 Datasheet HTML 13Page - STMicroelectronics AN3156 Datasheet HTML 14Page - STMicroelectronics AN3156 Datasheet HTML 15Page - STMicroelectronics AN3156 Datasheet HTML 16Page - STMicroelectronics AN3156 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID017068 Rev 4
13/26
AN3156
DFU_UPLOAD request commands
25
The processing of the DFU_UPLOAD command is shown in Figure 3 and Figure 4.
Figure 3. DFU_UPLOAD request: Device side
Figure 4. DFU_UPLOAD request: Host side
Note:
Before issuing an Upload request, the host has to check that the device is in a correct state
(dfuIDLE or dfuUPLOAD-IDLE state) and that there is no error reported in the status. If the
device is not in the required state/status, the host has to clear any error (DFU_CLRSTATUS
request) and get the new status until the device returns to dfuIDLE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26