Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3150 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN3150
Description  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 17Page - STMicroelectronics AN3150 Datasheet HTML 18Page - STMicroelectronics AN3150 Datasheet HTML 19Page - STMicroelectronics AN3150 Datasheet HTML 20Page - STMicroelectronics AN3150 Datasheet HTML 21Page - STMicroelectronics AN3150 Datasheet HTML 22Page - STMicroelectronics AN3150 Datasheet HTML 23Page - STMicroelectronics AN3150 Datasheet HTML 24Page - STMicroelectronics AN3150 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DocID17048 Rev 3
23/25
AN3150
Conclusion
24
7
Conclusion
This proximity sensor guideline gives some indications of which parameters to consider
when developing a proximity application.
The deal is to find the best compromise between sensitivity, stability, and immunity to noise.
Depending on the application constraints, environmental change, board design constraints,
and power supply, many considerations should be take into account, including:
Define electrode design.
Evaluate environmental constraints
Use a shielding to bring detection directivity.
Determine device internal parameters to optimize system performance and stability.
The best practice is to develop a prototyping device as similar as possible to the final design
in order to be able to already integrate all system constraints during engineering phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25