| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3147 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3147 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 25 page ![]() DocID17035 Rev 3 23/25 AN3147 Conclusion 24 6 Conclusion The STM8L/STM8AL families offer many possibilities for the development of low consumption applications. The user can take advantage of various low power modes like Wait, Low power Run/Wait, or Halt and Active-halt modes. He can also reduce consumption by switching off peripherals when they are not being used. Another important point is the optimization of the ratio between Run and Halt modes due to the good performance of the CPU itself. The main important principles are described in this application note, including a few hints on how and when to use it. Much more examples exist, depending on your exact needs. You can find them on www.st.com. |