Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3126 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN3126
Description  Audio and waveform generation using the DAC in STM32 microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3126 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN3126 Datasheet HTML 16Page - STMicroelectronics AN3126 Datasheet HTML 17Page - STMicroelectronics AN3126 Datasheet HTML 18Page - STMicroelectronics AN3126 Datasheet HTML 19Page - STMicroelectronics AN3126 Datasheet HTML 20Page - STMicroelectronics AN3126 Datasheet HTML 21Page - STMicroelectronics AN3126 Datasheet HTML 22Page - STMicroelectronics AN3126 Datasheet HTML 23Page - STMicroelectronics AN3126 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Conclusion
AN3126
22/24
Doc ID16895 Rev 2
3
Conclusion
This application note and in particular the examples given inSection 2 have been provided
to help you get familiar with the DAC’s main features.
The first example (in Section 2.1) shows how to generate an analog waveform, using the
example of a sine waveform. The second example (in Section 2.2) offers a straightforward
and flexible solution for using the STM32, to play .WAV files, stored in an SPI MicroSD Flash
memory.
You can use these examples as starting points for developing your own solution using
STM32 microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24