Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3101 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3101
Description  internal RC oscillator calibration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3101 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3101 Datasheet HTML 16Page - STMicroelectronics AN3101 Datasheet HTML 17Page - STMicroelectronics AN3101 Datasheet HTML 18Page - STMicroelectronics AN3101 Datasheet HTML 19Page - STMicroelectronics AN3101 Datasheet HTML 20Page - STMicroelectronics AN3101 Datasheet HTML 21Page - STMicroelectronics AN3101 Datasheet HTML 22Page - STMicroelectronics AN3101 Datasheet HTML 23Page - STMicroelectronics AN3101 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID16612 Rev 6
21/24
AN3101
Low speed internal oscillator measurement
23
Figure 13. LSI frequency measurement flow
3.3
LSI measurement demo description
The demo provided with this application note shows the importance of measuring the LSI
frequency value before starting to use peripherals clocked by this type of clock. In this
example the independent watchdog (IWDG) is used to generate a reset after 12 ms.
Since the LSI clock is not accurate, the reset will occur slightly after or before the required
time-out. Hence, measuring the LSI frequency enhances the time-out accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24