Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3099 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3099
Description  IBIS models for signal integrity simulation of SPEAr3xx applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3099 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3099 Datasheet HTML 5Page - STMicroelectronics AN3099 Datasheet HTML 6Page - STMicroelectronics AN3099 Datasheet HTML 7Page - STMicroelectronics AN3099 Datasheet HTML 8Page - STMicroelectronics AN3099 Datasheet HTML 9Page - STMicroelectronics AN3099 Datasheet HTML 10Page - STMicroelectronics AN3099 Datasheet HTML 11Page - STMicroelectronics AN3099 Datasheet HTML 12Page - STMicroelectronics AN3099 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN3099
USB IBIS model selection
Doc ID 16605 Rev 1
11/13
3
USB IBIS model selection
All the I/O signals of the USB interface are grouped in one main group.
Please refer to the following table for the I/O signals and the associated model name.
Caution:
The USB IBIS model of the library sp300_v3.ibs is for the typical case only.
Table 5.
Relation between the USB block signals and the used model
GMAC block signal name
IBIS model group name
USB_DEVICE_DP
USB_DEVICE_DM
USB_HOST0_DP
USB_HOST0_DM
USB_HOST1_DP
USB_HOST1_DM
usb_tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13