| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3002 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3002 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 22 page ![]() RF password mechanisms AN3002 12/22 Doc ID 15912 Rev 2 A Lock-sector Password command sent to a locked sector returns an error code. Present-sector Password The Present-sector Password command is used to present one of the three passwords to the M24LRxx in order to modify the access rights of all the memory sectors linked to that password (Table 5) including the password itself. If the presented password is correct, the access rights remain activated until the tag is powered off or until a new Present-sector Password command is issued. If the presented password value is not correct, all the access rights of all the memory sectors are deactivated. Sector security status byte area access conditions in I2C mode In I2C mode, read access to the Sector security status byte area is always allowed. Write access depends on the correct presentation of the I2C password (see I2C Present Password command description). To access the Sector security status byte area, the device select code used for any I2C command must have the E2 Chip Enable address at 1. An I2C write access to a Sector security status byte re-initializes the RF access condition to the given memory sector. |