| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2972 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2972 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 25 page ![]() AN2972 How to design an antenna on a PCB Doc ID 15629 Rev 6 13/25 Figure 11. User interface screen of the planar rectangular coil inductance calculator Examples: The following antenna parameters have to be fed to the software to compute the antenna coil inductance: ● the number of turns ● the number of segments ● w: the conductor width in millimeters ● s: the conductor spacing in millimeters ● the conductor thickness in micrometers ● Length in millimeters ● Width in millimeters The number of turns is incremented each time a segment is added to a complete turn. |