Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2866 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 9Page - STMicroelectronics AN2866 Datasheet HTML 10Page - STMicroelectronics AN2866 Datasheet HTML 11Page - STMicroelectronics AN2866 Datasheet HTML 12Page - STMicroelectronics AN2866 Datasheet HTML 13Page - STMicroelectronics AN2866 Datasheet HTML 14Page - STMicroelectronics AN2866 Datasheet HTML 15Page - STMicroelectronics AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN2866
Designing the antenna coil
13/24
Figure 11.
Rectangular planar antennas
Once the antenna coil inductance has been calculated, a prototype coil is realized. The
value of the so-obtained prototype must then be validated by measurement. This can be
done using either a contactless or a non-contactless method. Section 5 and Section 6
describe these methods.
Width
Length
s
w
1
1
8
10
3 turns, 10 segments
2 turns, 8 segments
ai15815
thickness
(cross-section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24