| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6P4BGS Fiches technique(PDF) 25 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6P4BGS Fiches technique(HTML) 25 Page - NEC |
|
25 / 32 page ![]() Data Sheet U13594EJ2V0DS00 25 µPD6P4B NS C DM M P L U T G F E B K J detail of lead end S 20 11 110 A H I 20 PIN PLASTIC SSOP (300 mil) NOTE S20MC-65-5A4-1 ITEM MILLIMETERS A B C D E F G H I J 0.65 (T.P.) 1.3 ±0.1 1.2 8.1 ±0.2 0.475 MAX. K L 0.13 0.5 1.0 ±0.2 6.1 ±0.2 0.17 ±0.03 M 0.10 0.24 0.1 ±0.05 N P 3 ° 6.65 ±0.15 Each lead centerline is located within 0.12 mm of its true position (T.P.) at maximum material condition. +0.08 −0.07 +5° −3° 0.25 T 0.6 ±0.15 U |