| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2857 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2857 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 31 page ![]() Power consumption and wakeup time measurements and results AN2857 28/31 Doc ID 15241 Rev 3 5.2.6 Conclusions The global wakeup time of the device can be viewed as the sum of the following: ● Wakeup time of the main voltage regulator (if it is switched off during the low-power mode). ● Stabilization time of the oscillator (if it is switched off during the low-power mode). ● Wakeup time of the Flash memory (if it is switched off during the low-power mode). ● Interrupt latency for the wake up event trigger. |