Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2859 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 6Page - STMicroelectronics AN2859 Datasheet HTML 7Page - STMicroelectronics AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics AN2859 Datasheet HTML 10Page - STMicroelectronics AN2859 Datasheet HTML 11Page - STMicroelectronics AN2859 Datasheet HTML 12Page - STMicroelectronics AN2859 Datasheet HTML 13Page - STMicroelectronics AN2859 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Multiplexed diagnostics
AN2859
10/29
DocID15255 Rev 2
Figure 13. VSTATE signal variation due to the IACT parameter dispersion
Note:
It is recommended that the AVF signal be read during several AC line cycles around the AC
line peak voltage.
The STCC08 AVF signal must be read after the AC line peak voltage (
ΔtAVF_READ) and
before the t3 (see AN2716).
VLine
I=
AC1
IAC2
AVF1 (STCC08_1)
I
ACT2
-I
ACT2
t (s)
t (s)
ϕ
t
1
t = 0
0
2 x f
1
AVF2 (STCC08_2)
t (s)
VSTATE
t (s)
I
ACT1
-I
ACT1
t
2
t
3
t
4
t =
5
VCC
VCC
V1
V3
ΔtDetection
ΔtAVF_READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29