Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2797 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 15Page - STMicroelectronics AN2797 Datasheet HTML 16Page - STMicroelectronics AN2797 Datasheet HTML 17Page - STMicroelectronics AN2797 Datasheet HTML 18Page - STMicroelectronics AN2797 Datasheet HTML 19Page - STMicroelectronics AN2797 Datasheet HTML 20Page - STMicroelectronics AN2797 Datasheet HTML 21Page - STMicroelectronics AN2797 Datasheet HTML 22Page - STMicroelectronics AN2797 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN2797
Low-inductance decoupling capacitor layout
Doc ID 14841 Rev 1
21/23
A.2
Low inductance layout for decoupling capacitors
Figure 10 shows a low inductance layout for a 0402 decoupling capacitor using 2 vias with a
10 mil drill size. The main features are
1.
Vias placed close to the lands
2.
Vias of opposite polarity place close together
3.
Trace connecting land to via is wide.
Figure 10.
Low-inductance layout for 0402 package.
Table 7.
Dimensions for compact 0402 land pattern
Dimension
Value
Units
A20
mils
B20
mils
C15
mils
Table 8.
Dimensions for a low inductance capacitor layout
Dimension
Value
Units
D (land to hole)
Fabrication tolerance dependent(1)
1.
The land to hole separation is determined by the PCB fabrication tolerances. This is usually 8 - 10 mils.
mils
E (hole to hole)
Fabrication tolerance dependent(2)
2.
This distance should be minimized, consistent with PCB fabrication tolerances, typically about 30 mils. If
the capacitor is placed within a BGA ball field, dimension E should be the same as the ball pitch
mils
F (trace width)
20
mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23