Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2752 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2752
Description  Getting started with the STM8S and STM8A
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2752 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2752 Datasheet HTML 17Page - STMicroelectronics AN2752 Datasheet HTML 18Page - STMicroelectronics AN2752 Datasheet HTML 19Page - STMicroelectronics AN2752 Datasheet HTML 20Page - STMicroelectronics AN2752 Datasheet HTML 21Page - STMicroelectronics AN2752 Datasheet HTML 22Page - STMicroelectronics AN2752 Datasheet HTML 23Page - STMicroelectronics AN2752 Datasheet HTML 24Page - STMicroelectronics AN2752 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AN2752
STM8 development tools
Doc ID 14651 Rev 5
21/40
8.1.3
Hardware connection
Figure 12.
Hardware connection
Caution:
It is recommended to place the SWIM header as close as possible to the STM8S or STM8A
device, as this minimizes any possible signal degradation caused by long PCB tracks.
8.2
Emulator STice
8.2.1
STice overview
The STice is a modular, high-end emulator system which connects to the PC via a USB
interface, and to the application board in place of the target microcontroller.
It is supported by the free STM8 toolset: IDE ST visual develop (STVD) programmer, ST
visual programmer (STVP) and STM8 assembler. Please refer to the STice emulator for
STM8 for more details.
Figure 13.
Connection description
4
4
1
1
2
3
2
3
AD/ICC SWIM adapter
Application board
STM8
SWIM cable
VDD
VDD
SWIM connector
Connection flex
Connection adapter
Adapter socket
Emulation system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40