Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2716 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 17Page - STMicroelectronics AN2716 Datasheet HTML 18Page - STMicroelectronics AN2716 Datasheet HTML 19Page - STMicroelectronics AN2716 Datasheet HTML 20Page - STMicroelectronics AN2716 Datasheet HTML 21Page - STMicroelectronics AN2716 Datasheet HTML 22Page - STMicroelectronics AN2716 Datasheet HTML 23Page - STMicroelectronics AN2716 Datasheet HTML 24Page - STMicroelectronics AN2716 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN2716
Timing definitions
Doc ID 14460 Rev 2
21/28
Appendix A
Timing definitions
When the AC switch is OFF (not controlled or failed in open circuit), an IAC current flows
through the STCC08 AC input. The value of this current depends on RAC and Rshunt
resistors, the AC line voltage and the AC load impedance. The AVF signal toggles between
VCC and zero level (GND) for an IAC current value noted IACT (see Figure 17).
Figure 17.
Detection window width of the AC switch state
Considering Figure 18, the IAC current variation, when the AC switch is off, is defined
according to Equation 11 where IAC_peak is the peak IAC current, F is the AC line frequency,
R and L are AC load characteristics, and
φAC is the phase shift between IAC current and the
AC line voltage.
VLine
IAC
AVF
IACT
-IACT
f
t
´
=
2
1
2
t (s)
t (s)
ϕ
1
t
2
t
0
0 =
t
F
t
x
=
2
1
A
C
B
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28