Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2710 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2710
Description  Safe GPIO port configuration in STR7xx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2710 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2710 Datasheet HTML 19Page - STMicroelectronics AN2710 Datasheet HTML 20Page - STMicroelectronics AN2710 Datasheet HTML 21Page - STMicroelectronics AN2710 Datasheet HTML 22Page - STMicroelectronics AN2710 Datasheet HTML 23Page - STMicroelectronics AN2710 Datasheet HTML 24Page - STMicroelectronics AN2710 Datasheet HTML 25Page - STMicroelectronics AN2710 Datasheet HTML 26Page - STMicroelectronics AN2710 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AN2710
Recommended configuration sequence
23/30
4.4
From output open drain
If the port is set to output open drain, use the following sequences to change modes.
4.5
From input/output
if the port is set to Input/Output, use the following sequences to change modes.
Table 22.
Output open drain to analog input
PC2 - 0
Analog input
PC1 - 0
No change
PC0 - 0
No change
Table 23.
Output open drain to input
PC2 - 0
Analog input
PC1 - 0
No change
PC0 - 1
Input
Table 24.
Output open drain to Input pull-up/pull-down
PC2 - 0
Analog Input
PC1 - 1
Reserved/Input(1)
1.
Reserved for STR73x only
PC0 - 1
Input/Output
Table 25.
Output open drain to output push-pull
PC2 - 1
No change
PC1 - 0
No change
PC0 - 1
Output push-pull
Table 26.
Output open drain to alternate function open drain
PC2 - 1
No change
PC1 - 1
Alternate function push-pull
PC0 - 0
No change
Table 27.
Output open drain to alternate function push-pull
PC2 - 1
No change
PC1 - 1
Alternate function open drain
PC0 - 1
Alternate function push-pull
Table 28.
Input pull-up/pull-down to analog input
PC2 - 0
No change
PC1 - 0
Input
PC0 - 0
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30