Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2703 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce AN2703
Description  All datasheet parameters are rated as minimum or maximum values
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2703 Fiches technique(HTML) 6 Page - STMicroelectronics

  AN2703 Datasheet HTML 1Page - STMicroelectronics AN2703 Datasheet HTML 2Page - STMicroelectronics AN2703 Datasheet HTML 3Page - STMicroelectronics AN2703 Datasheet HTML 4Page - STMicroelectronics AN2703 Datasheet HTML 5Page - STMicroelectronics AN2703 Datasheet HTML 6Page - STMicroelectronics AN2703 Datasheet HTML 7Page - STMicroelectronics AN2703 Datasheet HTML 8Page - STMicroelectronics AN2703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Parameters
AN2703
6/9
ΔV
Dynamic breakover voltage
For a DIAC, this is the dynamic variation of its voltage at triggering. It is the
difference between VBO and the voltage for a 10mA current.
Δ V = VBO - VDIAC(10mA)
DIACs feature a negative-resistance triggered characteristic.
RTH(j-a)
Junction to ambient thermal resistance
This is the thermal resistance between junction and ambient, when the device is
used without heatsink. For SMD packages, the copper surface under the tab is
specified.
RTH(j-c)
Junction to case thermal resistance
This is the thermal resistance between junction to case. For TRIACs and SCRs,
this value is respectively specified for AC and DC operations.
RTH(j-l)
Junction to lead thermal resistance
This is the thermal resistance between junction and leads. It is given for small
packages like TO92, with no other metallic case temperature reference.
ZTH(j-c)
ZTHj-a)
Transient thermal impedance
This is the value of the thermal resistance when the steady state of the device is
not reached. Curves provided in the datasheets, ZTH(j-c) and ZTH(j-a), show the
relative value of this impedance according the to the time duration of dissipated
power pulse.
Table 2.
Electrical characteristics parameters (continued)
Parameter
Name and description



Html Pages

1 2 3 4 5 6 7 8 9