Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD6708GS Fiches technique(PDF) 49 Page - NEC

No de pièce UPD6708GS
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD6708GS Fiches technique(HTML) 49 Page - NEC

Back Button UPD6708GS Datasheet HTML 45Page - NEC UPD6708GS Datasheet HTML 46Page - NEC UPD6708GS Datasheet HTML 47Page - NEC UPD6708GS Datasheet HTML 48Page - NEC UPD6708GS Datasheet HTML 49Page - NEC UPD6708GS Datasheet HTML 50Page - NEC UPD6708GS Datasheet HTML 51Page - NEC UPD6708GS Datasheet HTML 52Page - NEC UPD6708GS Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
49
µPD6708
8.2
Interrupt Service Routine
This routine is used when an interrupt request is generated from the
µPD6708 (when IRQ pin becomes high). This routine
reads the contents of the return code, performs flag setting, and reads receive data.
Notes 1.
See 8.3.3.
2.
See 8.3.4.
3.
See 8.3.5.
Start
Disable interrupts
from PD6708
µ
Is SIO register used?
Save value of I/O port which controls
PD6708 C/D and
R/W pins, and value of SIO register in host controller
µ
Read STR
Return code classification
01
Master reception
processing
routine Note 3
Master
transmission
processing
routine Note 1
Slave data
transmission
processing
routine Note 2
Master?
Slave reception
processing
routine
Broadcast
reception
processing
routine
10
11
Restore value of I/O port which controls
PD6708 C/D
and R/W pins, and value of SIO register in host controller
µ
Enable interrupts
from
PD6708
End
RETI
µ
00
YN
Y
N
This processing is not necessary
if interrupts are disabled when
SIO is used in the main routine.
Most significant 2 bits
of return code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72