| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2682 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2682 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 15 page ![]() AN2682 - Application note Conclusion 13/15 5 Conclusion This application note gives a straightforward and low cost solution for using the STR7xx SPI peripheral with an audio device (Codec, ADC, DAC, filter...) using I2S protocol via an external interface consisting of a low cost small CPLD. This solution can be easily tailored to the STR91x and STM32 microcontrollers. |