Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2647 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN2647
Description  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics AN2647 Datasheet HTML 28Page - STMicroelectronics AN2647 Datasheet HTML 29Page - STMicroelectronics AN2647 Datasheet HTML 30Page - STMicroelectronics AN2647 Datasheet HTML 31Page - STMicroelectronics AN2647 Datasheet HTML 32Page - STMicroelectronics AN2647 Datasheet HTML 33Page - STMicroelectronics AN2647 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
AN2647
Interfacing with synchronous memory
31/34
EMI burst write bus cycle
In synchronous mode the write signal WEn is sampled at the same time the address is
latched. This requires the write assertion delay WSTWEN to be "0" so WEn will stay low at
the beginning of the bus cycle. STR91xFA always writes to PSRAM in 16-bit mode and the
two byte-select signals UB/LB are low for the entire write cycle.
The latency counter in the BCR register defines when the write data is sampled by PSRAM,
and this time has to match the EMI write timing so the first write data is latched at the right
clock edge. In this example the write wait state WSTWR is set to 5 and the latency counter
is set to 4. Refer to the MT45W4M data sheet for the timing details.
Figure 16.
EMI write bus cycle in burst mode
Note:
The EMI_BAA signal is not needed for the PSRAM interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34