Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2641 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 19Page - STMicroelectronics AN2641 Datasheet HTML 20Page - STMicroelectronics AN2641 Datasheet HTML 21Page - STMicroelectronics AN2641 Datasheet HTML 22Page - STMicroelectronics AN2641 Datasheet HTML 23Page - STMicroelectronics AN2641 Datasheet HTML 24Page - STMicroelectronics AN2641 Datasheet HTML 25Page - STMicroelectronics AN2641 Datasheet HTML 26Page - STMicroelectronics AN2641 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN2641
Linux frame buffer
Doc ID 14027 Rev 1
23/37
Figure 11.
CLCD selection from menu config - 2
6.3
User level perspective of CLCD
As we already know, a frame buffer device is a memory device like /dev/mem and it has the
same features. You can read it, write it, seek to some location in it and mmap() it (the main
usage). The difference is just that the memory that appears in the special file is not the
whole memory, but the frame buffer of the video hardware.
6.3.1
Data structures for user level
It is essential to understand the following three structures, they are used by all frame buffer
user applications.
1.
Variable information pertaining to the video card is held in struct fb_var_screeninfo.
This structure contains fields such as the X-resolution, Y-resolution, bits required to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37