Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2639 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2639
Description  Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2639 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2639 Datasheet HTML 7Page - STMicroelectronics AN2639 Datasheet HTML 8Page - STMicroelectronics AN2639 Datasheet HTML 9Page - STMicroelectronics AN2639 Datasheet HTML 10Page - STMicroelectronics AN2639 Datasheet HTML 11Page - STMicroelectronics AN2639 Datasheet HTML 12Page - STMicroelectronics AN2639 Datasheet HTML 13Page - STMicroelectronics AN2639 Datasheet HTML 14Page - STMicroelectronics AN2639 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID14016 Rev 4
13/15
AN2639
Dry packing
6.2
Dry pack opening
After opening a dry pack, soldering should be done within 24 hours. SMD products stored
over the specified storage period need to be baked at 125 °C for 24 hours (under nitrogen
atmosphere). Devices packed in tubes or in tapes must be transferred to metal tubes before
baking whereas trays are bake able.
Figure 7. Moisture absorption / drying curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15