Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2604 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN2604
Description  STM32F101xx and STM32F103xx RTC calibration
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2604 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN2604 Datasheet HTML 6Page - STMicroelectronics AN2604 Datasheet HTML 7Page - STMicroelectronics AN2604 Datasheet HTML 8Page - STMicroelectronics AN2604 Datasheet HTML 9Page - STMicroelectronics AN2604 Datasheet HTML 10Page - STMicroelectronics AN2604 Datasheet HTML 11Page - STMicroelectronics AN2604 Datasheet HTML 12Page - STMicroelectronics AN2604 Datasheet HTML 13Page - STMicroelectronics AN2604 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN2604 - Application note
12/14
4
Conclusion
The STM32F10xxx RTC digital clock calibration feature allows the user to adjust the clock
accuracy during manufacturing (or later) at minimal cost. This feature also provides a
method whereby “drift” (due to temperature variation) can be corrected and/or anticipated.
However, the method described in this application note is applicable only if the RTC
prescaler is set to 32 766 (instead of 32 768).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14