| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2556 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2556 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 35 page ![]() AN2556 New registers 29/35 4.4.1 Hardware impacts None. 4.4.2 Software impacts None. 3VREGOFF Main Voltage Regulator disable in Power-Down mode 0: Default value after reset and when Power-Down is not used. 1: On-chip Main Regulator is turned off when Power-Down mode is entered. 4:15 - Reserved Table 18. XMISC register description (continued) Bit No. Bit name Function |