| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD64AMC Fiches technique(PDF) 14 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD64AMC Fiches technique(HTML) 14 Page - NEC |
|
14 / 64 page ![]() 14 µPD64A, 65 Data Sheet U14380EJ2V0DS00 3. PORT REGISTERS (PX) The KI/O port, the KI port, the special ports (S0, S1/LED, S2), and the control register are treated as port registers. At reset, port register values are shown below. Figure 3-1. Port Register Organization Note ×: Refers to the value based on the KI pin state. Table 3-1. Relationship between Ports and their Read/Write Port Name INPUT Mode OUTPUT Mode Read Write Read Write KI/O Pin state Output latch Output latch Output latch KI Pin state — — — S0 Pin state — Note — S1/LED Pin state — Pin state — S2 Pin state — — — Note When in OFF mode, “1” is normally read. Port Register P0 KI/O7 P00 At Reset FFH KI/O6 KI/O5 KI/O4 KI/O3 KI/O2 KI/O1 KI/O0 P10 P1 KI3 P01 ×FHNote KI2 KI1 KI0 S1/LED S0 S2 1 P11 P3 (Control register 0) 0 P03 03H DP10 DP9 DP8 TCTL CARY MOD1 MOD0 P13 P4 (Control register 1) 0 P04 26H 0 KI pull-down S0/S1 pull-down S2 STOP release S1/LED mode KI/O mode S0 mode P14 |