Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LBAS20HT1G Fiches technique(PDF) 3 Page - Leshan Radio Company

No de pièce LBAS20HT1G
Description  High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS20HT1G Fiches technique(HTML) 3 Page - Leshan Radio Company

  LBAS20HT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBAS20HT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBAS20HT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HE
SOD−323
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. LEAD THICKNESS SPECIFIED PER L/F DRAWING
WITH SOLDER PLATING.
4. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
5. DIMENSION L IS MEASURED FROM END OF
RADIUS.
NOTE 3
D
1
2
b
E
A3
A1
A
C
STYLE 1:
PIN 1. CATHODE
2. ANODE
xx = Specific Device Code
M
= Date Code
xx M
xx
GENERIC
MARKING DIAGRAM*
NOTE 5
L
1.60
0.063
0.63
0.025
0.83
0.033
2.85
0.112
HE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.80
0.90
1.00
A1
0.00
0.05
0.10
A3
0.15 REF
b
0.25
0.32
0.4
C
0.089
0.12
0.177
D
1.60
1.70
1.80
E
1.15
1.25
1.35
0.08
2.30
2.50
2.70
L
0.031
0.035
0.040
0.000
0.002
0.004
0.006 REF
0.010
0.012
0.016
0.003
0.005
0.007
0.062
0.066
0.070
0.045
0.049
0.053
0.003
0.090
0.098
0.105
MIN
NOM
MAX
INCHES
SOLDERING FOOTPRINT*
LESHAN RADIO COMPANY, LTD.
Rev.O 3/3
LBAS20HT1G,S-LBAS20HT1G



Html Pages

1 2 3