| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6462GS Fiches technique(PDF) 39 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6462GS Fiches technique(HTML) 39 Page - NEC |
|
39 / 60 page ![]() 39 µPD6461, 6462 4.4 CONTINUOUS INPUT OF COMMAND Transfer each of the 1-byte, 2-byte, and 2-byte successive commands from a microcontroller to the µPD6461, 6462 as follows. To transfer a 1-byte or 2-byte command, or a 2-byte successive command with blinking data changed after a 2- byte successive command has been transferred, either make CS high once, or transfer 2-byte successive command end code (FFH: µPD6461/7FH: µPD6462) at the end of the 2-byte successive command. In the latter case, it is not necessary to make CS high. 4.4.1 When End Code is Not Used Example 1-byte command → 2-byte successive command → 1-byte command DATA CLK CS Make CS low once and then back high again. 2nd byte (D0-D7) MSB first (LSB first) 2nd byte (D8-D15) 00H-FEH ( PD6461) 00H-7EH ( PD6462) (normal character) 2-byte successive command 1st byte (D0-D7) 1-byte command (D0-D7) (D8-D15) 00H-FEH ( PD6461) 00H-7EH ( PD6462) (normal character) D7-D0 D7-D0 D15-D8 D7-D0 D7-D0 1-byte command µ µ µ µ 4.4.2 When End Code is Used Example 1-byte command → 2-byte successive command → 1-byte command DATA CLK CS 1-byte command 2nd byte (D0-D7) MSB first (LSB first) 2nd byte (D8-D15) 00H-FEH ( PD6461) 00H-7EH ( PD6462) (normal character) 2-byte successive command 1st byte (D0-D7) 1-byte command (D0-D7) (D8-D15) FFH ( PD6461)/ 7FH ( PD6462) (2-byte successive command end code) D7-D0 D7-D0 D15-D8 D7-D0 D7-D0 It is not necessary to make CS low and then back high again. µ µ µ µ Remark By using the 2-byte successive command end code, the CS pin may remain low. However, it is recommended to make CS pin high to improve the noise immunity. |