Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2455 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce AN2455
Description  STWPLLSim phase noise and settling time simulator for STW8110x
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2455 Fiches technique(HTML) 3 Page - STMicroelectronics

  AN2455 Datasheet HTML 1Page - STMicroelectronics AN2455 Datasheet HTML 2Page - STMicroelectronics AN2455 Datasheet HTML 3Page - STMicroelectronics AN2455 Datasheet HTML 4Page - STMicroelectronics AN2455 Datasheet HTML 5Page - STMicroelectronics AN2455 Datasheet HTML 6Page - STMicroelectronics AN2455 Datasheet HTML 7Page - STMicroelectronics AN2455 Datasheet HTML 8Page - STMicroelectronics AN2455 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN2455
Main form
3/14
2.2
Project flow
These are the steps to follow in using STWPLLSim, as shown in
Figure 1:
1.
Main settings (see the screenshot in
Figure 2):
a)
Device choice (STW81101, STW81102, STW81103)
b)
Output frequency [MHz]
c)
Frequency step [kHz]
d)
Output stage (direct output, divider by 2, divider by 4)
e)
VCO and phase detector frequencies are calculated from the inserted data.
f)
A table helps to choose the correct output stage depending on the desired output
frequency and the selected device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14