Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2452 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN2452
Description  STW8110x evaluation board and graphical user interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2452 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN2452 Datasheet HTML 5Page - STMicroelectronics AN2452 Datasheet HTML 6Page - STMicroelectronics AN2452 Datasheet HTML 7Page - STMicroelectronics AN2452 Datasheet HTML 8Page - STMicroelectronics AN2452 Datasheet HTML 9Page - STMicroelectronics AN2452 Datasheet HTML 10Page - STMicroelectronics AN2452 Datasheet HTML 11Page - STMicroelectronics AN2452 Datasheet HTML 12Page - STMicroelectronics AN2452 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN2452
Software
9/21
1.4
Waveform viewer
Figure 3.
Waveform viewer
The digital signals used to program the device can be displayed on a waveform viewer:
I2C - the following are shown:
SCL (clock) signals sent to the device
SDA (data) signals sent to the device
ACK signals sent from the device
SPI - the following signals are shown:
–Clock
–Data
Load
1.
Traces can be arranged by means of the vertical sliders, or in two default positions
(separated or superimposed traces) by means of a button.
2.
The checkboxes allow you to display or hide the traces and bit descriptions that
become visible when zooming in.
3.
The mouse buttons have the following functions on the waveform display:
Left: zoom in
Right: zoom out
Middle: pan
1
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21