| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2430 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2430 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 24 page ![]() AN2430 General description 13/24 1.4.7 Write Unprotection command Description: This command allows the user to temporarily disable the write protection for all the Flash sectors. When the bootloader receives the write unprotection command, it transmits to the user the ACK byte. After the transmission of the ACK byte, the bootloader disables the write protection for all the Flash sectors. Finally, at the end of the command, the bootloader transmits the ACK byte if the unprotection is completed successfully otherwise a NACK byte (0x3F) is returned to the user and the command is exited. Figure 7. Write unprotection command flowchart Start UN Received byte No == 0x71? Send ACK byte Disable the write protection for all Send ACK byte End of UN Unprotection error? Send NACK byte the Flash sectors Yes |