Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2399 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 9Page - STMicroelectronics AN2399 Datasheet HTML 10Page - STMicroelectronics AN2399 Datasheet HTML 11Page - STMicroelectronics AN2399 Datasheet HTML 12Page - STMicroelectronics AN2399 Datasheet HTML 13Page - STMicroelectronics AN2399 Datasheet HTML 14Page - STMicroelectronics AN2399 Datasheet HTML 15Page - STMicroelectronics AN2399 Datasheet HTML 16Page - STMicroelectronics AN2399 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN2399
Overview of RFID reader using STR710
13/22
Finally, I2C peripheral configuration has to be set as follows:
data width: 8-bit
Ack bit: enabled
Speed config: the user must configure it via I2C_frequency define in device_RFID.h file.
void init_CRX14_I2C(void){
u32 f_RFID=I2C_frequency;
/*----------------------------------------------------------------------------------
----------------------------------------
Configure the SDA And the SCL pin of the I2C0 and I2C1 to alternate function Open
Drain
------------------------------------------------------------------------------------
---------------------------------------*/
GPIO_Config (GPIO1,I2C0_SCL,GPIO_AF_OD);
GPIO_Config (GPIO1,I2C0_SDA,GPIO_AF_OD);
/*----------------------------------------------------------------------------------
----------------------------------------
Configure I2C0 module
------------------------------------------------------------------------------------
---------------------------------------*/
I2C_Init (I2C0);
I2C_FCLKConfig (I2C0);
I2C_OnOffConfig (I2C0, ENABLE);//Enable the I2C0
I2C_SpeedConfig (I2C0, f_RFID);//Configure the I2C0 speed
I2C_AddressConfig (I2C0,0xA2, I2C_Mode7);
//Configure the I2C0 address (to be used specially when this cell has to be adressed)
I2C_AcknowledgeConfig (I2C0, ENABLE);
//set str7 to send ack when receive data
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22