| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2350 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2350 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 41 page ![]() Control algorithm AN2350 39/41 Figure 31. The teach and repeat procedure Teach Procedure Repeat Procedure Execute homing procedure Stop the control Stop the motors (PWM=50%) Reset timer T0 Enable interrupt CC8 index=0; Start timer T0 while index<1500 Disable interrupt CC8 Stop timer T0 ISR for teach Reload of Compare unit CC8 Read Incremental Encoder for the shoulder (T2) Store T2 in shoulder array teach[] Read Incremental Encoder for the elbow (T4) Store T4 in elbow-array-teach[] index++ Execute homing procedure Reset Timer T0 Enable interrupts CC2 and CC3 Start timer T0 elbow_array_teach[] shoulder_array_teach[] Control Algorithm |