| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2284 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2284 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 40 page ![]() AN2284 8 SC Reader Lib: Description 31/40 8.2.1 SC_SELECT_FILE ● SC_Handler (SC_SELECT_FILE, (u8 *) FileName, NULL_PARAM, NULL_PARAM, &SC_state, &u16_status, void_pointer) ● Input - FileName It contains the 16 bit file identifier and the file type (EF or DF). Example: 1) UserFile={0xAA,0xBB,EF} 2) UserDir={0xA0,0x00,DF} ● Output - SC_state It returns the current smart card state - u16_status It returns the smart card response to SC_SELECT_FILE command 8.2.2 SC_GET_A2R ● SC_Handler (pvoid, NULL_PARAM, NULL_PARAM, NULL_PARAM, &SC_state, &u16_status, A2Rframe) ● Input - No input ● Output - SC_state It returns the current smart card state - u16_status It returns the smart card response to SC_SELECT_FILE command - A2Rframe Pointer to an array which contains the smart card ATR frame 8.2.3 SC_GET_RESPONCE ● SC_Handler (pvoid, NULL_PARAM, NULL_PARAM, NULL_PARAM, &SC_state, &u16_status, responce) ● Input - No input ● Output - SC_state It returns the current smart card state - u16_status |