Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD6466GS Fiches technique(PDF) 49 Page - NEC

No de pièce UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Fiches technique(HTML) 49 Page - NEC

Back Button UPD6466GS Datasheet HTML 45Page - NEC UPD6466GS Datasheet HTML 46Page - NEC UPD6466GS Datasheet HTML 47Page - NEC UPD6466GS Datasheet HTML 48Page - NEC UPD6466GS Datasheet HTML 49Page - NEC UPD6466GS Datasheet HTML 50Page - NEC UPD6466GS Datasheet HTML 51Page - NEC UPD6466GS Datasheet HTML 52Page - NEC UPD6466GS Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
49
µPD6466
4. TRANSFERRING COMMANDS
4.1 1-Byte Command
D7-D0
With MSB first: The command is input from bit D7.
DATA
DATA
CLK
CS
D0-D7
With LSB first: The command is input from bit D0.
4.2 2-Byte Command
D15-D8
With MSB first
1st byte: D15-D8
2nd byte: D7-D0
DATA
D0-D7
D7-D0
D8-D15
1st byte
2nd byte
1st byte
2nd byte
DATA
CLK
CS
With LSB first
1st byte: D0-D7
2nd byte: D8-D15
When transferring a 2-byte command, do not make CS high and keep it low between the first and second bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70