Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2169 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 25Page - STMicroelectronics AN2169 Datasheet HTML 26Page - STMicroelectronics AN2169 Datasheet HTML 27Page - STMicroelectronics AN2169 Datasheet HTML 28Page - STMicroelectronics AN2169 Datasheet HTML 29Page - STMicroelectronics AN2169 Datasheet HTML 30Page - STMicroelectronics AN2169 Datasheet HTML 31Page - STMicroelectronics AN2169 Datasheet HTML 32Page - STMicroelectronics AN2169 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Electrical characteristics
AN2169
30/33
Input leakage
current (Port 5)
IOZ1CC
–
± 500 / 0 V <VIN<
VDD
–± 200
nA
Input leakage
current (all
other)
IOZ2CC
–
±1 / 0 V <VIN< VDD –
±0.5
uA
Input leakage
current (P2.0)
IOZ3CC
–
-
–
-0.5
+1
uA
Input leakage
current (RPD)
IOZ4CC
–
-
–
±3
uA
Overload current
(P2.0)
IOV2CC
–
-
–
-1
+5
mA
Parameter
Symbol
ST10F168 Limit Values
ST10F276 Limit Values
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33