Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2148 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN2148
Description  STOTG04 IN AUDIO CARKIT ENVIRONMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2148 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN2148 Datasheet HTML 1Page - STMicroelectronics AN2148 Datasheet HTML 2Page - STMicroelectronics AN2148 Datasheet HTML 3Page - STMicroelectronics AN2148 Datasheet HTML 4Page - STMicroelectronics AN2148 Datasheet HTML 5Page - STMicroelectronics AN2148 Datasheet HTML 6Page - STMicroelectronics AN2148 Datasheet HTML 7Page - STMicroelectronics AN2148 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN2148 - APPLICATION NOTE
5/8
In audio mode it is necessary to tie the OE_TP_INT/ pin to a high level to deactivate the USB driver.
When all the pull-up and pull-down resistors are disconnected, the D+ and D- USB lines will be in high
impedance state and it is possible to send audio signals over the lines. To be able to detect carkit
interrupts, it is necessary to set the audio_en bit of the Control Register 3. Then, depending on the
protocol used (either four-wire or five-wire) it is necessary to set the proper bits of the Interrupt Mask
False and Interrupt Mask True registers. If a four-wire protocol is used then D+ carkit interrupt should be
utilized and therefore the cr_int bit of interrupt mask registers should be set. If a five-wire protocol is used
then ID line carkit interrupt can be utilized and therefore the id_gnd bit of interrupt registers should be set.



Html Pages

1 2 3 4 5 6 7 8