Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1812 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 26Page - STMicroelectronics AN1812 Datasheet HTML 27Page - STMicroelectronics AN1812 Datasheet HTML 28Page - STMicroelectronics AN1812 Datasheet HTML 29Page - STMicroelectronics AN1812 Datasheet HTML 30Page - STMicroelectronics AN1812 Datasheet HTML 31Page - STMicroelectronics AN1812 Datasheet HTML 32Page - STMicroelectronics AN1812 Datasheet HTML 33Page - STMicroelectronics AN1812 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
13 References and bibliography
AN1812
32/34
Note:
Some floating point operations are used in this software for display purposes only. It is left to
the user to use the floating point operation or not as per his application requirement.
7IO_Init
37
8TimerA_Init
47
9
Timer_Interrupt_Routine
170
Main
10
main
1493
11
TIMERA_IT_Routine
38
12
Conversion_TimerReadingToREALInput
116
13
SCI_Init
25
14
SCI_SendBuffer
30
15
SCI_IsTransmissionCompleted
8
16
Dummy_Capturing
26
No.
Function Name
Code size
( Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34