| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6465 Fiches technique(PDF) 48 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6465 Fiches technique(HTML) 48 Page - NEC |
|
48 / 52 page ![]() µPD6464A,6465 48 9. PACKAGE DRAWINGS 24 PIN PLASTIC SHRINK DIP (300 mil) S24C-70-300B-2 ITEM MILLIMETERS INCHES B C D F G H J K 1.778 (T.P.) 3.2±0.3 0.51 MIN. 1.78 MAX. L M 0.17 0.25 7.62 (T.P.) 5.08 MAX. 6.4±0.2 N 0~15° 0.50±0.10 0.85 MIN. R 0.070 MAX. 0.020 0.033 MIN. 0.126±0.012 0.020 MIN. 0.200 MAX. 0.300 (T.P.) 0.252±0.008 0.010 0.007 0~15° +0.004 –0.003 0.070 (T.P.) +0.10 –0.05 +0.004 –0.005 A 21.95±0.2 0.864+0.009 –0.008 I 3.45±0.2 0.136+0.008 –0.009 NOTES 1. Controlling dimension millimeter. 2. Each lead centerline is located within 0.17 mm (0.007 inch) of its true position (T.P.) at maximum material condition. 3. Item "K" to center of leads when formed parallel. M B R F H M J I G C D N K 24 13 112 A L |