| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2099 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2099 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() AN2099/0405 1/8 Rev. 1 AN2099 APPLICATION NOTE Guidelines for connecting via JTAG protocol to the STR71x microcontroller INTRODUCTION This application note provides guidelines on how to connect a Host debugger to a target STR71x board via a JTAG protocol converter, taking into account the internal features of the STR71x microcontroller product family. This document is targeted for third party tool suppliers or application engineers interested in connecting to the STR71x using the JTAG connector. For basic references on the JTAG tar- geted for the ARM core, please refer to the ARM7TDMI Technical Reference manual Figure 1. Hardware Setup Example STR71x BOARD HOST PC POWER SUPPLY JTAG CONNECTOR JTAG protocol converter 1 |
Numéro de pièce similaire - AN2099 |
|
Description similaire - AN2099 |