Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2046 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2046
Description  STR71X CLOCK CONFIGURATIONS EASY SETUP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2046 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2046 Datasheet HTML 9Page - STMicroelectronics AN2046 Datasheet HTML 10Page - STMicroelectronics AN2046 Datasheet HTML 11Page - STMicroelectronics AN2046 Datasheet HTML 12Page - STMicroelectronics AN2046 Datasheet HTML 13Page - STMicroelectronics AN2046 Datasheet HTML 14Page - STMicroelectronics AN2046 Datasheet HTML 15Page - STMicroelectronics AN2046 Datasheet HTML 16Page - STMicroelectronics AN2046 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
STR71X CLOCK CONFIGURATIONS EASY SETUP
10 ADC
In this calculation sheet, it is necessary to enter the clock divider. As a result, we will recu-
perate the ADC sampling frequency.
Figure 10. ADC calculation sheet
As an example, as shown in Figure 10, setting the Prescaler to 5, configure the sampling fre-
quency to 488 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19