| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2038 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2038 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 23 page ![]() AN2038 Reference and related materials 21/23 7 Reference and related materials In the following AN it is possible to find information about standard motor control libraries: ● AN1904: STMC AC three-phase induction motor control library ● AN1905: STMC brushless permanent magnet DC motor control library ● AN1947: STMC brushless permanent magnet AC sinus motor control library It is possible to find additional information in the following website: ● Microcontroller at st: mcu.st.com/mcu/ ● ST7MC product information: mcu.st.com/mcu/ > downloads ● Forum: mcu.st.com/mcu/ > forum Datasheet: ● See ST7MC datasheet Information about Softec ST7MC Starter Kit board: ● See www.softecmicro.com web site |