Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2014 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 28Page - STMicroelectronics AN2014 Datasheet HTML 29Page - STMicroelectronics AN2014 Datasheet HTML 30Page - STMicroelectronics AN2014 Datasheet HTML 31Page - STMicroelectronics AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics AN2014 Datasheet HTML 35Page - STMicroelectronics AN2014 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Hardware considerations
AN2014
32/65
DocID10701 Rev 10
Figure 26. Recommended SPI connections - safe design
Figure 27. Recommended SPI connections - robust design
1. Q must be connected either to RPD or RPU.
Table 7. Calculation for external pull-up and pull-down resistors in SPI products
EEPROM input pins (S, W, HOLD, C,
D)
EEPROM output pin Q
RPD
RPD > VIH EEPROM / IOH master
RPD > VIH master / IOH EEPROM
RPU
RPU > (VCC −VIL EEPROM) / IOL master RPU > (VCC −VIL master) / IOL EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65