Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1946 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN1946
Description  SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1946 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN1946 Datasheet HTML 9Page - STMicroelectronics AN1946 Datasheet HTML 10Page - STMicroelectronics AN1946 Datasheet HTML 11Page - STMicroelectronics AN1946 Datasheet HTML 12Page - STMicroelectronics AN1946 Datasheet HTML 13Page - STMicroelectronics AN1946 Datasheet HTML 14Page - STMicroelectronics AN1946 Datasheet HTML 15Page - STMicroelectronics AN1946 Datasheet HTML 16Page - STMicroelectronics AN1946 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13/35
AN1946
Advantages
With the classical method, BEMF sampling is done during the PWM “ON” state allowing up to
a maximum PWM duty cycle (100%).
Drawbacks
Due to the voltage divider being used to sense BEMF, this method is less sensitive that the ST
method. This sampling method is dependent on the motor speed because the different net-
works are influenced by BEMF levels and components are to be dimensioned according to the
nominal operation point of the motor.
4.2 PRACTICAL IMPLEMENTATION OF SAMPLING DURING PWM ON
The starter kit board is delivered with a daughter board allowing classical sampling method
use.
Figure 12 gives an example of network use to implement the classical method with an analog
filter.
Figure 12. Classical method of implementation with daughter board.
R5
R3
R1
R10
C1
C2
C3
C4
MCVREF
MCIA
ST7FMC
Three
Phase
Power
Converter
V
U
W
VDC
6_MCOx
Motor
MCIB
MCIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35