Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1774 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN1774
Description  STR71x SOFTWARE DEVELOPMENT GETTING STARTED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1774 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN1774 Datasheet HTML 1Page - STMicroelectronics AN1774 Datasheet HTML 2Page - STMicroelectronics AN1774 Datasheet HTML 3Page - STMicroelectronics AN1774 Datasheet HTML 4Page - STMicroelectronics AN1774 Datasheet HTML 5Page - STMicroelectronics AN1774 Datasheet HTML 6Page - STMicroelectronics AN1774 Datasheet HTML 7Page - STMicroelectronics AN1774 Datasheet HTML 8Page - STMicroelectronics AN1774 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
STR71x SOFTWARE DEVELOPMENT GETTING STARTED
1.6 CONNECTING TO TARGET
The next stage in your debugging session is to connect to your debug target, which is the
STR71x core on your application board. This step assumes that you have already compiled
and built your STR71x image.
If you choose hardware debugging, the MICRO-ICE debugging tool should be plugged in to
both the host and to the target which must be powered on. Ensure that the ICE software is in-
stalled and setup as described in the next section MICRO-ICE SETUP.
■
Select File->Connection->Connect to target... from the Code window main menu to
display the Connection Control window, shown in the figure below. Use this window to
connect to your target.
■
The Connection Control window shows all the connections available. In our case, you can
specify one of the these connections: ST-STR710-EVAL. Select the check-box or double-
click on the connection entry in the Name pane.
■
Now, you can load the built image ’PinToggling.axf’, under ’..\STR71xGS\Example1\
Debug’, on the target by selecting File->Load Image. You can also click the blue hyperlink
Click to Load Image to Target in the File Editor pane.
1.7 DEBUGGING THE APPLICATION
Once the image has been loaded on the target you can debug it. To execute the image click
the Go button on the Actions toolbar.
You can use breakpoints to run the application step by step. A simple double-click on a line
sets a breakpoint on that location. You can display memory and register contents. Select
View->Pane Views->Memory from the Code window to display the Memory pane or View-
>Pane View->Registers to display the Register pane. By means of these panes you can view
and set the content of a register and a memory location. You can also display variables.
Use an oscilloscope to monitor the GPIO0 pin state.
For more details on RealView debugging features, refer to the RealView Debugger essentials
guide document.



Html Pages

1 2 3 4 5 6 7 8 9