| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1711 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1711 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 40 page ![]() 23/40 SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS Figure 13. Illustration of execution from RAM Comments 1. The results obtained from executing the ADC conversion from RAM are better. This can be seen in Figure 13 from the difference between the maximum and minimum values. However the results can still be affected by external noise. 2. There can be cases where execution from RAM and execution from flash give the same re- sults. **Rows starting with ‘R’ are results from RAM execution **Rows starting with ‘A’ are results from execution from flash. First column is Maximum value recorded Second column is for minimum value recorded Average Result Difference (Max-Min) |