Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1577 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN1577
Description  This application note presents the implementation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1577 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN1577 Datasheet HTML 19Page - STMicroelectronics AN1577 Datasheet HTML 20Page - STMicroelectronics AN1577 Datasheet HTML 21Page - STMicroelectronics AN1577 Datasheet HTML 22Page - STMicroelectronics AN1577 Datasheet HTML 23Page - STMicroelectronics AN1577 Datasheet HTML 24Page - STMicroelectronics AN1577 Datasheet HTML 25Page - STMicroelectronics AN1577 Datasheet HTML 26Page - STMicroelectronics AN1577 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23/30
DEVICE FIRMWARE UPGRADE (DFU) IMPLEMENTATION IN ST7 USB DEVICES
5 DFU FULL-SPEED PROJECT
The FS DFU project has been created from the ST7265 5-in-1 project and the ST7 USB FS Li-
brary. Two other parts have been added: the DFU specific files and the HDFlash drivers (in
bold in the next section).
5.1 DIRECTORIES
ST7USBFS-DFU
+-- Object: output from compilation
+-- Sources
+-- MassSto
+-- Mcl
+-- Usb: ST7 USB Full-Speed Library kernel files
+-- Usb_App: USB application specific files
+-- Usb_DFU: USB DFU specific files (kernel + application + HD Flash drivers)
For details of “MassSto” and “Mcl” directories please refer to AN1475 “Developing an
ST7265X Mass Storage Application”.
5.2 DFU FILES
All these files are located in the “Usb_DFU” directory. Files in bold are files that depend on the
protocol and/or the application, and can be modified by the user.
Table 8. FS Project DFU Files
File Name
Description
DFU.c / DFU.h
Contain all DFU kernel and Protocol routines.
DFU_Desc.c
Contains the DFU descriptors.
DFU_Var.asm
Contains the definition of DFU variables.
Flashing.h
Contains the HDFlash routines.
User_USB.c / User_USB.h
Contain all call-back functions called by the Library. These
functions call the DFU functions described in the DFU.c file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30