Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1504 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN1504
Description  STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1504 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN1504 Datasheet HTML 1Page - STMicroelectronics AN1504 Datasheet HTML 2Page - STMicroelectronics AN1504 Datasheet HTML 3Page - STMicroelectronics AN1504 Datasheet HTML 4Page - STMicroelectronics AN1504 Datasheet HTML 5Page - STMicroelectronics AN1504 Datasheet HTML 6Page - STMicroelectronics AN1504 Datasheet HTML 7Page - STMicroelectronics AN1504 Datasheet HTML 8Page - STMicroelectronics AN1504 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
ld TAOC1LR,A
clr TACLR
;reset timer B to FFFC
bset PADR,#2
;set flag synchronisation of timer B
.wait_TA_C2
ld A,TACHR
jrne wait_TA_C2;wait timer A=0000 to restore duty cycle
ld A,#%00000100
ld TACR1,A
;set OLVL1=0 and OLVL2=1
ld A,#$00
ld TAOC1HR,A
ld A,#$2D
;restore duty cycle to 50%
ld TAOC1LR,A
bres PADR,#2
;reset synchronisation flag
Figure 3 shows the waveforms seen on an oscilloscope for OCMP1 pin and the synchroniza-
tion flag using the above software example when the 16-bit timer is started or restarted.
Figure 3. OCMP1 and synchronization flag : OLVL2=1 and OLVL1=0
We can see in Figure 3 that the OCMP1 pin outputs a high state directly after starting the
PWM signal. This avoids losing a PWM cycle in applications where an immediate high state is
required.
PWM
OUTPUT
Timer 16 start
output enabled
flag



Html Pages

1 2 3 4 5 6 7 8 9