| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1502 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1502 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() 4/7 EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY 4 ASSEMBLER PROGRAM EXAMPLE The following program example describes a driver routine to be called to emulate data EEPROM with a HDFlash ST7 device (data value limited to 00h..FEh). This example assumes that all restrictions are taken into account. st7/ ;****************************************************************************** ; TITLE: HDdataE2Emul.asm ; AUTHOR: CMG_MCD Application Team ; DESCRIPTION: Data EEPROM emulation with HDFlash memory (ST72F521 example) ;****************************************************************************** TITLE "HDdataE2Emul.asm" BYTES FCSR EQU $29 ; HDFLASH Control register definition FLASH_CMD EQU $FF ; Reserved RAM area for HDFLASH Embedded Commands FLASH_SECT EQU $FE FLASH_PTRL EQU $FD ; PTRH:PTRL is also used for read operation FLASH_PTRH EQU $FC FLASH_ENDL EQU $FB FLASH_ENDH EQU $FA FLASH_DATA EQU $F9 FLASH_FREQ EQU $F8 #DEFINE FREQ 8 ; Application frequency is 8MHz WORDS SEGMENT WORD AT 1000-DFFF 'HDFlash Sect2' < MEMORY LOCATION OF THE EMULATED DATA EEPROM : FROM 8000h IN THIS EXAMPLE > SEGMENT WORD AT E000-EFFF 'HDFlash Sect1' < POTENTIAL MEMORY LOCATION FOR EMULATED DATA EEPROM > SEGMENT WORD AT F000-FFFF 'HDFlash Sect0' ; < RESET > LD A,#$56 ; Enter RASS keys to unlock FCR register LD FCR,A LD A,#$AE LD FCR,A ; < USER APPLICATION PROGRAM > LD A, #$80 ; Read emulated data EEPROM value with a pointer LD FLASH_PTRH, A ; located at address 8000h (sector 2). LD A, #$00 LD FLASH_PTRH, A CALL HDemulE2_ByteRead ; Result: current value in A register ; < USER APPLICATION PROGRAM > LD A, #$80 ; Read emulated data EEPROM value with a pointer |