| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1464 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1464 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 27 page ![]() 23/27 LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU 2.4.5 Source File Organisation Code is written in RIDE MAST6 assembly language. It consists of five files: s 1 program file main.st6 (main routine, subroutines, interrupt service routines and interrupt vector definitions); s 1 variable definition file vars.st6 s 3 header files: – IOs.inc (definitions of I/O configuration constants), – vars.inc (declarations of variables), – params.inc (definitions of application parameter constants). This division makes it easier to perform minor modifications to the software, as shown in Table 6.Example of Minor Software Modifications. Table 6. Example of Minor Software Modifications If you want to change… …only modify… Voltage thresholds params.inc PWM frequency State update frequency Timing thresholds I/O configuration IOs.inc State diagram state constant definitions and monitor subroutine in main.st6 State definitions Transition conditions Transition priority |