Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1369 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN1369
Description  GETTING STARTED WITH RAISONANCE IDE FOR THE ST6 MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1369 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN1369 Datasheet HTML 9Page - STMicroelectronics AN1369 Datasheet HTML 10Page - STMicroelectronics AN1369 Datasheet HTML 11Page - STMicroelectronics AN1369 Datasheet HTML 12Page - STMicroelectronics AN1369 Datasheet HTML 13Page - STMicroelectronics AN1369 Datasheet HTML 14Page - STMicroelectronics AN1369 Datasheet HTML 15Page - STMicroelectronics AN1369 Datasheet HTML 16Page - STMicroelectronics AN1369 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
GETTING STARTED WITH RAISONANCE IDE FOR THE ST6 MICROCONTROLLER
Figure 16. Port A window
Figure 17 shows the window that will be displayed when you double-click on the Main Regis-
ters icon.
Figure 17. Main registers window
To watch the values of certain registers only, the address of the labels or the value of the pos-
sible variables, you have to open the Watch Window.
4.6 TIME FEATURE
If you want to determine the time spent for one or several instructions of your program, set
breakpoints at the first and last instruction. Run your program with the Run icon. It will stop at
the first breakpoint. Then select the Debug > Reset Time menu (you can also use the macro
Ctrl + T). The displayed time is reset. If you click on the Run icon again, it will display the time
spent executing the instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23